Part Number Hot Search : 
AO4918AL FR5410 P3002AAL 25T10 MPC9352 TI100422 C1959 NTE8005
Product Description
Full Text Search
 

To Download MMBT2222AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type ic www.kexin.com.cn 1 smd type transistors 1 emitter 2 base 3 collector general purpose transistor MMBT2222AW features general purpose transistor. absolute maximum ratings ta = 25 parameter symbol rating unit collector-emitter voltage v ceo 40 v collector-base voltage v cbo 75 v emitter-base voltage v ebo 6.0 v collector current i c 600 ma total device dissipation fr-5 board p d 150 mw thermal resistance, junction-to-ambient r ja 833 /w junction temperature t j 150 storage temperature t stg -55to+150
www.kexin.com.cn 2 smd type ic smd type transistors MMBT2222AW marking marking p1 electrical characteristics ta = 25 parameter symbol testconditons min typ max unit collector-emitter breakdown voltage v (br)ceo i c =1.0ma,i b =0 40 v collector-base breakdown voltage v (br)cbo i c =10a,i e =0 75 v emitter-base breakdown voltage v (br)ebo i e =10a,i c =0 6 v base cutoff current i bl v ce =60v,v eb =3.0v 20 na collector cutoff current i cex v ce =60v,v eb =3.0v 10 na dc current gain * h fe i c =150ma,v ce =10v 100 300 i c =150ma,i b =15ma 0.3 i c =500ma,i b =50ma 1.0 i c =150ma,i b =15ma 0.6 1.2 i c =500ma,i b =50ma 2.0 current-gain-bandwidth product f t i c =20ma,v ce =20v,f=100mhz 300 mhz output capacitance c obo v cb =10v,i e =0,f=1.0mhz 8.0 pf input capacitance c ibo v eb =0.5v,i c = 0, f = 1.0 mhz 30 pf input impedance h ie v ce =10v,i c = 10 ma, f = 1.0 khz 0.25 1.25 k voltage feedback ratio h re v ce =10v,i c = 10 ma, f = 1.0 khz 4.0 x10 -4 small-sgnal current gain h fe v ce =10v,i c = 10 ma, f = 1.0 khz 75 375 output admittance h oe v ce =10v,i c = 10 ma, f = 1.0 khz 25 200 mhos noise figure nf v ce =10v,i c =100a,r s =1.0k,f =1.0khz 4.0 db delay time t d 10 ns rise time t r 25 ns storage time t s v cc =30v,i c = 150 ma, 225 ns fall time t f i b1 =i b2 =15ma 60 ns * pulse test: pulse width 300 s, duty cycle 2.0%. v cc =3.0v,v be =-0.5v, i c =150ma,i b1 =15ma collector-emitter saturation voltage * base-emitter saturation voltage * v v ce( sat) v be( sat)


▲Up To Search▲   

 
Price & Availability of MMBT2222AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X